PART |
Description |
Maker |
PN3638 PN3638A MPS3638A MPS3638 FTSO3638 FTSO3638A |
PNP Small Signal General Purpose Amplifiers & Switches PNP General Purpose Amplifier PNP high speed saturated logic switche. NPN general purpose small signal amplifier.
|
FAIRCHILD[Fairchild Semiconductor]
|
2N5086 MMBT5086 MMBT5087 2N5087 MMBT5087NL 2N5087T |
PNP General Purpose Amplifier PNP General Purpose Amplifier 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HL9-100KWTQ HL9-101KWTQ HL9-102KWTQ HL9-1R0KWTQ HL |
1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR HIGH CURRENT POWER CHOKES 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 56000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3300 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1200 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2200 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1500 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR
|
RCD COMPONENTS INC.
|
MPS3703 |
PNP General Purpose Amplifier 800 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2N3906J18Z 2N3906TA |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MSB709-RT1-D MSB709-RT1G |
PNP General Purpose Amplifier Transistor Surface Mount Small Signal Plastic PNP
|
ON Semiconductor
|
2N5223 2N5227 FTSO5225 FTSO5224 FTSO5228 FTSO5227 |
NPN low level switch. PNP small signal general purpose amplifier & oscillator. NPN Small Signal General Purpose Amplifier & Oscillator NPN-PNP small signal general purpose complementary amplifier . PNP low level switch.
|
Fairchild Semiconductor
|
BC847BPDW1T1 BC846BPDW1T1 |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) Dual General Purpose Amplifier Transistors (NPN PNP)(-65V通用型双放大器晶体管(NPN PNP,SOT-363封装))
|
ON Semiconductor
|
2N4403TAR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MMBT4126 2N4126 2N4126_01 |
PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
|